Part Number Hot Search : 
TMT30124 5HFP100 1058015 NCP15 SW12220E 001SM PQ208 85XXX
Product Description
Full Text Search
 

To Download CAT803JTBI-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 october, 2012 ? rev. 33 1 publication order number: cat803/d cat803, cat809, cat810 3-pin microprocessor power supply supervisors description the cat803, cat809, and cat810 are supervisory circuits that monitor power supplies in digital systems. the cat803, cat809, and cat810 are direct replacements for the max803, max809 and max810 in applications operating over the industrial temperature range. these devices generate a reset signal, which is asserted while the power supply voltage is below a preset threshold level and for at least 140 ms after the power supply level has risen above that level. the underlying floating gate technology, analog eeprom used by on semiconductor, makes it possible to offer any custom reset threshold value. seven industry standard threshold levels are offered to support +5.0 v, +3.3 v, +3.0 v and +2.5 v systems. the cat803 has an open ? drain reset output (active low). the cat803 requires a pull ? up resistor on the reset output. the cat809 features a push ? pull reset output (active low) and the cat810 features a push ? pull reset output (active high). fast transients on the power supply are ignored and the output is guaranteed to be in the correct state at v cc levels as low as 1.0 v. the cat803, cat809, and cat810 are available in both the compact 3 ? pin sot ? 23 and sc ? 70 packages. features ? precision monitoring of +5.0 v ( ? 5%, ? 10%, ? 20%), +3.3 v ( ? 5%, ? 10%), +3.0 v ( ? 10%) and +2.5 v ( ? 5%) power supplies ? offered in three output configurations: ? cat803: open ? drain active low reset ? cat809: push ? pull active low reset ? cat810: push ? pull active high reset ? direct replacements for the max803, max809 and max810 in applications operating over the industrial temperature range ? reset valid down to v cc = 1.0 v ? 6  a power supply current ? power supply transient immunity ? industrial temperature range: ? 40 c to +85 c ? available in sot ? 23 and sc ? 70 packages ? these devices are pb ? free and are rohs compliant applications ? computers, servers, laptops, cable modems ? wireless communications ? embedded control systems ? white goods, power meters ? intelligent instruments ? pdas and handheld equipment http://onsemi.com pin configuration v cc reset (reset) gnd 1 see detailed ordering and shipping information in the package dimensions sect ion on page 8 of this data sheet. ordering information (top view) sot ? 23 tb suffix case 527ag sc ? 70 sd suffix case 419ab 2 3 cat803 cat809 (cat810) 3 ? lead sot23 3 ? lead sc70 xxxm   xxx = specific device code m = month code  = pb ? free package xxxm   marking diagrams (*note: microdot may be in either location) sot ? 23 sc ? 70
cat803, cat809, cat810 http://onsemi.com 2 table 1. threshold suffix selector nominal threshold voltage threshold suffix designation 4.63 v l 4.55 v h 4.38 v m 4.00 v j 3.08 v t 2.93 v s 2.63 v r 2.32 v z 1.60 v v table 2. pin descriptions pin number name description cat803 cat809 cat810 1 1 1 gnd ground 2 2 ? reset active low reset. reset is asserted if v cc falls below the reset threshold and remains low for at least 140 ms after v cc rises above the reset threshold. ? ? 2 reset active high reset. reset is asserted if v cc falls below the reset threshold and remains high for at least 140 ms after v cc rises above the reset threshold. 3 3 3 v cc power supply voltage that is monitored. table 3. absolute maximum ratings parameter rating units any pin with respect to ground ? 0.3 to +6.0 v input current, v cc 20 ma output current, reset, reset 20 ma rate of rise, v cc 100 v/  s continuous power dissipation derate 2.2 mw/ c above 70 c (sc70) derate 4 mw/ c above 70 c (sot23) 175 320 mw operating temperature range ? 40 to +85 c storage temperature range ? 65 to +105 c lead soldering temperature (10 sec) 300 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
cat803, cat809, cat810 http://onsemi.com 3 cat803 gnd + ? digital delay tolerance bias voltage reference cat810 + ? digital delay tolerance bias voltage reference gnd cat809 + ? digital delay tolerance bias voltage reference gnd figure 1. block diagrams v cc v cc v cc reset reset reset v cc v cc v cc v cc v cc v cc
cat803, cat809, cat810 http://onsemi.com 4 table 4. electrical characteristics (v cc = full range, t a = ? 40 c to +85 c, unless otherwise specified. typical values at t a = +25 c and v cc = 5 v for the l/h/m/j versions, v cc = 3.3 v for the t/s versions, v cc = 3 v for the r version and v cc = 2.5 v for the z/v versions.) symbol parameter conditions min typ (note 1) max units v cc range t a = 0 c to +70 c 1.0 5.5 v t a = ? 40 c to +85 c 1.2 5.5 i cc supply current t a = ? 40 c to +85 c v cc < 5.5 v, j/l/m/h 8 20  a v cc < 3.6 v, r/s/t/z/v 6 15 v th reset threshold voltage l threshold t a = +25 c 4.56 4.63 4.70 v t a = ? 40 c to +85 c 4.50 4.75 h threshold t a = +25 c 4.48 4.55 4.62 t a = ? 40 c to +85 c 4.43 4.67 m threshold t a = +25 c 4.31 4.38 4.45 t a = ? 40 c to +85 c 4.25 4.50 j threshold t a = +25 c 3.93 4.00 4.06 t a = ? 40 c to +85 c 3.89 4.10 t threshold t a = +25 c 3.04 3.08 3.11 t a = ? 40 c to +85 c 3.00 3.15 s threshold t a = +25 c 2.89 2.93 2.96 t a = ? 40 c to +85 c 2.85 3.00 r threshold t a = +25 c 2.59 2.63 2.66 t a = ? 40 c to +85 c 2.55 2.70 z threshold t a = +25 c 2.28 2.32 2.35 t a = ? 40 c to +85 c 2.25 2.38 v threshold t a = +25 c 1.58 1.60 1.62 t a = ? 40 c to +85 c 1.56 1.64 reset threshold tempco 30 ppm/ c t d v cc to reset delay (note 2) v cc = v th to (v th ? 100 mv) 20  s t r reset active timeout period t a = ? 40 c to +85 c 140 240 460 ms v ol reset output voltage low (open ? drain active low, cat803 and push ? pull, active low, cat809) v cc = v th min, i sink = 1.2 ma cat803r/s/t/z, cat809r/s/t/z/v 0.3 v v cc = v th min, i sink = 3.2 ma cat803j/l/m, cat809j/l/m/h 0.4 v cc > 1.0 v, i sink = 50  a 0.3 v oh reset output voltage high (push ? pull, active low, cat809) v cc = v th max, i source = 500  a cat809r/s/t/z/v 0.8 v cc v v cc = v th max, i source = 800  a cat809j/l/m/h v cc ? 1.5 v ol reset output voltage low (push ? pull, active high, cat810) v cc > v th max, i sink = 1.2 ma cat810r/s/t/z 0.3 v v cc > v th max, i sink = 3.2 ma cat810j/l/m 0.4 v oh reset output voltage high (push ? pull, active high, cat810) 1.8 v < v cc v th min, i source = 150  a 0.8 v cc v 1. production testing done at t a = +25 c; limits over temperature guaranteed by design only. 2. reset output for the cat809; reset output for the cat810.
cat803, cat809, cat810 http://onsemi.com 5 typical operating characteristics (v cc = full range, t a = ? 40 c to +85 c, unless otherwise specified. typical values at t a = +25 c and v cc = 5 v for the l/m/j versions, v cc = 3.3 v for the t/s versions, v cc = 3 v for the r version and v cc = 2.5 v for the z version.) figure 2. power ? up reset timeout vs. temperature figure 3. supply current vs. temperature (no load, cat8xxr/s/t/z) temperature ( c) temperature ( c) 150 100 50 0 ? 50 160 180 200 220 240 260 100 50 0 ? 50 0 4 6 8 10 12 figure 4. power ? down reset delay vs. temperature (cat8xxr/s/t/z) figure 5. normalized reset threshold vs. temperature temperature ( c) temperature ( c) 150 100 50 0 ? 50 0 4 10 14 120 100 80 60 40 20 0 0.9988 0.9990 0.9992 0.9998 1.0000 1.0002 power ? up reset timeout (ms) supply current (  a) power ? down reset delay (  s) normalized threshold 150 0.9994 2 2 6 8 12 0.9996 v cc = 3.6 v v cc = 5.5 v v cc = 2.5 v v cc = 5 v
cat803, cat809, cat810 http://onsemi.com 6 detailed descriptions reset timing the reset signal is asserted low for the cat803/cat809 and hi gh for the cat810 when the power supply voltage falls below the threshold trip voltage and remains asserted for at least 140 ms after the power supply voltage has risen above the threshol d. 0 v cat803, cat809 5 v 0 v 5 v reset (140 ms minimum) reset timeout period cat810 0 v 5 v figure 6. reset timing diagram t r t d v th v cc reset v cc transient response the cat803/cat809/cat810 protect  ps against brownout failure. short duration transients of 4  sec or less and 100 mv amplitude typically do not cause a false reset. figure 7 shows the maximum pulse duration of negative ? going v cc transients that do not cause a reset condition. as the amplitude of the transient goes further below the threshold (increasing v th ? v cc ), the maximum pulse duration decreases. in this test, the v cc starts from an initial voltage of 0.5 v above the threshold and drops below it by the amplitude of the overdrive voltage (v th ? v cc ). figure 7. maximum transient duration without causing a reset pulse vs. reset comparator overdrive reset overdrive v th ? v cc (mv) 1000 100 10 1 0 5 10 15 20 25 30 transient duration (  s) cat809m cat809z t amb = 25 c
cat803, cat809, cat810 http://onsemi.com 7 valid reset with v cc under 1.0 v to ensure that the cat809 reset pin is in a known state when v cc is under 1.0 v, a >10 k  pull ? down resistor between reset pin and gnd is recommended. for the cat810, a pull ? up resistor from reset pin to v cc is needed. figure 8. reset valid with v cc under 1.0 v figure 9. reset valid with v cc under 1.1 v cat809 gnd power 10 k  supply cat810 gnd power supply reset v cc reset 10 k  v cc bi ? directional reset pin interfacing the cat809/810 can interface with  p/  c bi ? directional reset pins by connecting a 4.7 k  resistor in series with the cat809/810 reset output and the  p/  c bi ? directional reset pin. figure 10. bi ? directional reset pin interfacing cat809 gnd power supply buf buffered reset gnd bi ? directional i/o pin  p (for example: 68hc11) v cc v cc 4.7 k  reset reset input cat803 open ? drain reset application the cat803 features an open ? drain reset output and therefore needs a pull ? up resistor on the output for proper operation, as shown on figure 11. an advantage of the open ? drain output includes the ability to ?wire and? several outputs together to form an inexpensive logic circuit. it is also possible to have the pull ? up resistor connected to a different supply which can be higher than the cat803 v cc pin. the value of the pull ? up resistor is not critical in most applications, typical values being between 5 k  and 10 k  . figure 11. typical cat803 open ? drain circuit configuration cat803 gnd power supply gnd  p v cc v cc 5 k  reset reset input
cat803, cat809, cat810 http://onsemi.com 8 table 5. ordering part number order number voltage top mark (note 4) output reset package quantity per reel (note 5) nipdau (note 3) matte ? tin nipdau matte ? tin cat803lsdi ? gt3 cat803lsdi ? t3 4.63 v vka vkl open drain low sc70 ? 3 3,000 cat803msdi ? gt3 cat803msdi ? t3 4.38 v vka vkl cat803jsdi ? gt3 cat803jsdi ? t3 4.00 v vka vkl cat803tsdi ? gt3 cat803tsdi ? t3 3.08 v vka vkl cat803ssdi ? gt3 cat803ssdi ? t3 2.93 v vka vkl cat803rsdi ? gt3 cat803rsdi ? t3 2.63 v vka vkl cat803zsdi ? gt3 cat803zsdi ? t3 2.32 v vka vkl cat803ltbi ? gt3 cat803ltbi ? t3 4.63 v vka vkl open drain low sot ? 23 ? 3 cat803mtbi ? gt3 cat803mtbi ? t3 4.38 v vka vkl cat803jtbi ? gt3 cat803jtbi ? t3 4.00 v vka vkl cat803ttbi ? gt3 cat803ttbi ? t3 3.08 v vka vkl cat803stbi ? gt3 cat803stbi ? t3 2.93 v vka vkl cat803rtbi ? gt3 cat803rtbi ? t3 2.63 v vka vkl cat803ztbi ? gt3 cat803ztbi ? t3 2.32 v vka vkl cat809lsdi ? gt3 cat809lsdi ? t3 4.63 v vla vld cmos / push ? pull low sc70 ? 3 3,000 cat809msdi ? gt3 cat809msdi ? t3 4.38 v vla vld cat809jsdi ? gt3 cat809jsdi ? t3 4.00 v vla vld cat809tsdi ? gt3 cat809tsdi ? t3 3.08 v vla vld cat809ssdi ? gt3 cat809ssdi ? t3 2.93 v vla vld cat809rsdi ? gt3 cat809rsdi ? t3 2.63 v vla vld cat809zsdi ? gt3 cat809zsdi ? t3 2.32 v vla vld cat809ltbi ? gt3 cat809ltbi ? t3 4.63 v vla vld cmos / push ? pull low sot ? 23 ? 3 cat809htbi ? gt3 cat809htbi ? t3 4.55 v vla vld cat809mtbi ? gt3 cat809mtbi ? t3 4.38 v vla vld cat809jtbi ? gt3 cat809jtbi ? t3 4.00 v vla vld cat809ttbi ? gt3 cat809ttbi ? t3 3.08 v vla vld cat809stbi ? gt3 cat809stbi ? t3 2.93 v vla vld cat809rtbi ? gt3 cat809rtbi ? t3 2.63 v vla vld cat809ztbi ? gt3 cat809ztbi ? t3 2.32 v vla vld cat809vtbi ? gt3 cat809vtbi ? t3 1.60 v vla vld 3. not recommended for new designs. 4. threshold and full part numbers will be provided on box and reel labels as well as all shipping documents. 5. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. 6. for detailed information and a breakdown of device nomenclature and numbering systems, please see the on semiconductor device nomenclature document, tnd310/d, available at www.onsemi.com
cat803, cat809, cat810 http://onsemi.com 9 table 5. ordering part number order number quantity per reel (note 5) package reset output top mark (note 4) voltage nipdau (note 3) quantity per reel (note 5) package reset output matte ? tin nipdau voltage matte ? tin cat810lsdi ? gt3 cat810lsdi ? t3 4.63 v vha vht cmos / push ? pull high sc70 ? 3 3,000 cat810msdi ? gt3 cat810msdi ? t3 4.38 v vha vht cat810jsdi ? gt3 cat810jsdi ? t3 4.00 v vha vht cat810tsdi ? gt3 cat810tsdi ? t3 3.08 v vha vht cat810ssdi ? gt3 cat810ssdi ? t3 2.93 v vha vht cat810rsdi ? gt3 cat810rsdi ? t3 2.63 v vha vht cat810zsdi ? gt3 cat810zsdi ? t3 2.32 v vha vht cat810ltbi ? gt3 cat810ltbi ? t3 4.63 v vha vht cmos / push ? pull high sot ? 23 ? 3 cat810mtbi ? gt3 cat810mtbi ? t3 4.38 v vha vht cat810jtbi ? gt3 cat810jtbi ? t3 4.00 v vha vht cat810ttbi ? gt3 cat810ttbi ? t3 3.08 v vha vht cat810stbi ? gt3 cat810stbi ? t3 2.93 v vha vht cat810rtbi ? gt3 cat810rtbi ? t3 2.63 v vha vht cat810ztbi ? gt3 cat810ztbi ? t3 2.32 v vha vht 3. not recommended for new designs. 4. threshold and full part numbers will be provided on box and reel labels as well as all shipping documents. 5. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. 6. for detailed information and a breakdown of device nomenclature and numbering systems, please see the on semiconductor device nomenclature document, tnd310/d, available at www.onsemi.com
cat803, cat809, cat810 http://onsemi.com 10 package dimensions sot ? 23, 3 lead case 527ag ? 01 issue o e1 e a1 e e1 b d 3 12 c a top view side view end view l1 l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec to-236. symbol min nom max  a a1 b c d e e1 e e1 l1 0o 8o l 0.013 0.37 0.085 2.80 2.10 1.20 1.90 bsc 0.40 ref 1.12 0.10 0.50 0.18 3.04 2.64 1.40 0.54 ref 0.95 bsc 0.89
cat803, cat809, cat810 http://onsemi.com 11 package dimensions sc ? 70, 3 lead, 1.25x2 case 419ab ? 01 issue o e1 d a l l1 l2 ee b a1 a2 c top view side view end view  1  1 notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-203. symbol min nom max e  a a1 b c d e e1 e l 0o 8o l2 0.00 0.15 0.08 0.26 1.80 1.80 1.15 0.65 bsc 0.15 bsc 1.10 0.10 0.30 0.22 0.46 2.20 2.40 1.35 l1 0.80 1 4o 10o a2 0.80 1.00 0.42 ref 0.36 2.00 2.10 1.25 0.90 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. cat803/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of CAT803JTBI-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X